PART |
Description |
Maker |
MC10H334FN MC10H33406 MC10H334L MC10H334 MC10H334F |
Quad Bus Driver/Receiver with Transmit and Receiver Latches
|
ONSEMI[ON Semiconductor]
|
SI9200EY-T1 SI9200EY-T1-E3 |
CAN Bus Driver and Receiver
|
Vishay Siliconix
|
MC10H332-D |
Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
|
ON Semiconductor
|
MC10H330 MC10H330FN MC10H330L MC10H330P ON0781 MC1 |
From old datasheet system Quad Bus Driver/Receiver with 2-to-1 Output Multiplexers
|
ONSEMI[ON Semiconductor] Motorola, Inc
|
ULQ2470M 2470 |
IC ARM920T MCU 200MHZ 352-PBGA 总线驱动接收 BUS DRIVER / RECEIVER
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
UPD4715A UPD4715ACY UPD4715AGT |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 RS-232 LINE DRIVER/RECEIVER
|
NEC, Corp. NEC[NEC]
|
SP3220EB SP3220EBCA SP3220EBCT SP3220EBCY SP3220EB |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
|
SIPEX[Sipex Corporation]
|
GTLP1B153 GTLP1B153K8X |
1-Bit LVTTL/GTLP Driver/Receiver Pair From old datasheet system BUS TRANSCEIVER|SINGLE|1-BIT|BICMOS|TSSOP|8PIN|PLASTIC
|
Fairchild Semiconductor
|
UPD4721 UPD4721GS-GJG UPD4721GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC, Corp. NEC Corp. NEC[NEC]
|
IDT74ALVCH162334 |
3.3V CMOS 16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
LTC1690CS8 LTC1690I LTC1690IN8 LTC1690IS8 LTC1690C |
Differential Driver and Receiver Pair with Fail-Safe Receiver Output; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Differential Driver and Receiver Pair with Fail-Safe Receiver Output LINE TRANSCEIVER, PDSO8 Differential Driver and Receiver Pair with Fail-Safe Receiver Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|